Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download TP3C475 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
FEATURES
* Terminations: 100 % matte tin, standard tin/lead available Pb-free Available * Molded case available in five case codes * Compatible with "High Volume" automatic pick RoHS* COMPLIANT and place equipment * High Ripple Current carrying capability * Low ESR * Meets EIA 535BAAC and IEC Specification QC300801/US0001 mechanical and performance requirements * Compliant terminations * 100 % surge current tested (B, C, D and E case sizes) * AEC-Q200 qualified
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 C to + 125 C
Note: Refer to doc. 40088
Capacitance Range: 0.10 F to 470 F Capacitance Tolerance: 10 %, 20 % Voltage Rating: 4 VDC to 50 VDC
ORDERING INFORMATION
TP3 D TYPE CASE CODE See Ratings and Case Codes Table 226 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. K CAPACITANCE TOLERANCE K = 10 % M = 20 % 035 DC VOLTAGE RATING AT + 85 C This is expressed in V. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 V) C TERMINATION/ PACKAGING C = Matte Tin/7" (178 mm) reels D = Matte Tin/13" (330 mm) reels E = Tin/Lead/7" (178 mm) reels F = Tin/Lead/13" (330 mm) reels 0500 ESR Maximum 100 kHz ESR 0500 = 500 m 5000 = 5.0 10R0 = 10.0 AS SPECIFICATION OPTION AS = Standard
Note: We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating.
DIMENSIONS in inches [millimeters]
L TW
H TH MIN.
W
P
CASE CODE A B C D E
EIA SIZE 3216-18 3528-21 6032-28 7343-31 7343-43
L 0.126 0.008 [3.2 0.20] 0.138 0.008 [3.5 0.20] 0.236 0.012 [6.0 0.30] 0.287 0.012 [7.3 0.30] 0.287 0.012 [7.3 0.30]
W 0.063 0.008 [1.6 0.20] 0.110 0.008 [2.8 0.20] 0.126 0.012 [3.2 0.30] 0.170 0.012 [4.3 0.30] 0.170 0.012 [4.3 0.30]
H 0.063 0.008 [1.6 0.20] 0.075 0.008 [1.9 0.20] 0.098 0.012 [2.5 0.30] 0.110 0.012 [2.8 0.30] 0.158 0.012 [4.0 0.30]
P 0.031 0.012 [0.80 0.30] 0.031 0.012 [0.80 0.30] 0.051 0.012 [1.3 0.30] 0.051 0.012 [1.3 0.30] 0.051 0.012 [1.3 0.30]
TW 0.047 0.004 [1.2 0.10] 0.087 0.004 [2.2 0.10] 0.087 0.004 [2.2 0.10] 0.095 0.004 [2.4 0.10] 0.095 0.004 [2.4 0.10]
TH MIN. 0.028 [0.70] 0.028 [0.70] 0.039 [1.0] 0.039 [1.0] 0.039 [1.0]
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 40116 Revision: 04-Jun-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 53
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND CASE CODES
F 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 A (7.60, 6.00) A (6.30, 5.00) A (5.50, 3.50) A (8.00, 6.00) A (6.30) A (5.50) A (5.00, 3.00) B (3.40, 1.50) A (4.20, 3.00) B (2.90, 1.20) A (3.40, 2.00) B (2.50) C (1.80, 0.55) A (2.90, 2.00) B (2.00, 0.70) C (1.80, 0.50) A (2.50, 1.50) B (1.90, 0.70) C (1.50, 0.345) B (1.90, 1.50, 0.60) C (1.40, 0.30) D (0.80, 0.25) B (1.80, 0.60) C (1.10, 0.30) D (0.70, 0.20) A (9.30, 6.00) A (6.70, 6.00) A (5.90) B (4.60, 2.50) A (5.00, 3.50) B (3.50, 2.00) A (5.00, 2.50) B (2.90, 1.50) A (4.20, 3.00) B (2.50) C (1.90, 0.60) A (3.00, 1.70) B (2.00, 0.80) C (1.80, 0.45) B (2.00, 0.80) C (1.50, 0.40) B (1.90, 1.70) C (1.40, 0.35) D (0.80, 0.25) A (12.00, 9.00) 4V 6.3 V 10 V 16 V 20 V 25 V 35 V 50 V A (17.00, 10.00) B( 14.00, 9.00) A (15.00) B (12.00, 8.50) A (14.00) B (10.00, 4.50) B (8.40, 4.00) B (7.60) B (6.70, 2.00) C (4.60, 1.60) C (3.40, 1.50) C (2.90, 1.50) D (2.10, 0.80) C (2.50, 1.50) D (1.70, 0.80) D (1.20, 0.60) A (20.00, 10.00) A (19.00, 10.00) A (18.00, 6.00) A (15.00, 6.00) A (13.00, 6.00) A (10.00, 4.00) B (8.00, 2.50) A (7.60, 4.00) A (8.40) A (10.00, 8.00) B (7.00, 5.00) B (6.50, 2.50) A (7.60, 4.00) A (7.50, 4.00) A (8.40, 5.50) B (5.00, 2.00) B (5.00, 2.00) A (6.70, 4.00) B (4.20, 2.00) A (6.30) B (4.60, 2.00) C (3.80, 0.90) A (5.90, 4.00) A (6.30, 4.00) B (3.80, 2.00) B (3.50, 1.50) B (3.80, 1.50) C (2.90, 0.90) A (5.90, 4.00) B (3.10, 1.50) B (3.50) B (3.00, 1.30) C (2.30, 1.00) C (2.10, 0.70) B (3.10, 1.50) A (5.00, 3.50) B (2.80, 1.50) C (1.90, 0.50) B (2.90, 1.00) C (2.00, 0.525) D (1.30, 0.45) C (2.30, 0.60) B (2.50, 1.00) C (1.90, 0.55) B (2.50, 1.00) C (1.70, 0.45) B (2.30, 1.00) C (1.50, 0.40) D (0.90, 0.30) B (2.40) C (1.70, 0.50) C (1.50, 0.45) D (1.00, 0.30) C (1.80, 0.475) D (1.10, 0.30) C (1.60, 0.45) D (0.80, 0.30, 0.135)
6.8
A (5.00)
D (0.90, 0.60)
10
A (3.40, 2.00) B (2.90, 1.00) A (2.90, 2.00) B (2.50) A (2.90, 2.00) B (2.00, 0.60) C (1.80, 0.50) A (2.50, 0.80) C (1.80, 0.50) B (1.90, 0.60) C (1.50) B (1.90, 0.55, 0.50) C (1.40, 0.30) D (0.80, 0.20)
D (0.80, 0.55) E (0.80, 0.55)
15
C (1.20, 0.425) D (0.70, 0.30) D (0.80, 0.25) D (0.60, 0.30) E (0.60, 0.275)
22
C (1.10, 0.375) C (1.20, 0.40) D (0.70, 0.225) D (0.70, 0.20)
33
C (1.10, 0.30) C (1.00, 0.35) D (0.70, 0.225) D (0.70, 0.20)
D (0.70, 0.20) E (0.60, 0.20)
47
C (1.00, 0.30) D (0.70, 0.15, 0.12)
D (0.70, 0.20, 0.15) E (0.60, 0.15) D (0.70, 0.175) E (0.60, 0.15)
E (0.60, 0.20)
68 100 150 220 330 470
B (1.80, 0.55) C (1.00, 0.275) C (0.80, 0.275) D (0.70, 0.15) D (0.70, 0.20) C (0.80, 0.25) D (0.70, 0.14) C (0.70, 0.20) D (0.60, 0.15) D (0.60, 0.10) E (0.50, 0.10) D (0.60, 0.125) E (0.50, 0.10) E (0.50, 0.10) C (0.90, 0.20) D (0.60, 0.10) D (0.60, 0.10) E (0.50, 0.10) D (0.60, 0.125) E (0.50, 0.10) E (0.50, 0.10)
D (0.60, 0.15)
D (0.60, 0.125) E (0.50, 0.15) E (0.60, 0.10) E (0.50, 0.10) E (0.50, 0.10)
Note: ESR limits in Ohms shown in parenthesis www.vishay.com 54 For technical questions, contact: tantalum@vishay.com Document Number: 40116 Revision: 04-Jun-08
TP3
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
MARKING
"A" CASE VOLTAGE CODE
Capacitance Code, pF Indicates High Performance
Vishay Sprague
4.0 6.3 10
G J A C D E V T
Indicates High Performance Capacitance F Polarity Band (+) Voltage
V
104P
16 20
Voltage Code
22 XX
P10 2 Vishay Sprague Logo
Polarity Band (+) A Case
25 35 50
Date Code
B, C, D, E Cases
Marking: Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. "A" Case capacitors use a letter code for the voltage and EIA capacitance code. The Vishay Sprague(R) trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V. A manufacturing date code is marked on all capacitors. Call the factory for further explanation.
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 1.800 0.500 7.600 6.000 6.300 5.000 5.500 3.500 5.000 3.400 2.000 2.900 1.000 2.900 2.000 2.500 2.900 2.000 2.000 0.600 1.800 0.500 2.500 0.800 1.900 0.600 1.500 MAX. RIPPLE 100 kHz Irms (A) 0.25 0.47 0.10 0.11 0.11 0.12 0.12 0.15 0.12 0.15 0.19 0.17 0.29 0.16 0.19 0.18 0.16 0.19 0.21 0.38 0.25 0.47 0.17 0.31 0.21 0.38 0.27
33 33 2.2 2.2 3.3 3.3 4.7 4.7 6.8 10 10 10 10 15 15 15 22 22 22 22 22 22 33 33 33 33 33
C C A A A A A A A A A B B A A B A A B B C C A A B B C
4 VDC AT + 85 C, 2.7 VDC AT + 125 C TP3C336(1)004(2)1800AS 1.3 TP3C336(1)004(2)0500AS 1.3 6.3 VDC AT + 85 C, 4 VDC AT + 125 C TP3A225(1)6R3(2)7600AS 0.5 TP3A225(1)6R3(2)6000AS 0.5 TP3A335(1)6R3(2)6300AS 0.5 TP3A335(1)6R3(2)5000AS 0.5 TP3A475(1)6R3(2)5500AS 0.5 TP3A475(1)6R3(2)3500AS 0.5 TP3A685(1)6R3(2)5000AS 0.5 TP3A106(1)6R3(2)3400AS 0.6 TP3A106(1)6R3(2)2000AS 0.6 TP3B106(1)6R3(2)2900AS 0.6 TP3B106(1)6R3(2)1000AS 0.6 TP3A156(1)6R3(2)2900AS 0.9 TP3A156(1)6R3(2)2000AS 0.9 TP3B156(1)6R3(2)2500AS 0.9 TP3A226(1)6R3(2)2900AS 1.3 TP3A226(1)6R3(2)2000AS 1.3 TP3B226(1)6R3(2)2000AS 1.3 TP3B226(1)6R3(2)0600AS 1.3 TP3C226(1)6R3(2)1800AS 1.3 TP3C226(1)6R3(2)0500AS 1.3 TP3A336(1)6R3(2)2500AS 2.0 TP3A336(1)6R3(2)0800AS 2.0 TP3B336(1)6R3(2)1900AS 2.0 TP3B336(1)6R3(2)0600AS 2.0 TP3C336(1)6R3(2)1500AS 2.0
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 14 14 6 6 6
Notes * (1) Tolerance: K, M * (2) Terminations and Packaging: C, D, E, F Document Number: 40116 Revision: 04-Jun-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 55
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) 2.8 2.8 2.8 MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 1.900 0.550 0.500 1.400 0.300 0.800 0.200 1.800 0.550 0.800 0.275 0.700 0.200 0.800 0.250 0.700 0.140 0.700 0.200 0.600 0.150 0.600 0.100 0.500 0.100 0.600 0.125 0.500 0.100 0.500 0.100 8.000 6.000 6.300 5.500 5.000 3.000 3.400 1.500 4.200 3.000 2.900 1.200 MAX. RIPPLE 100 kHz Irms (A) 0.21 0.39 0.41 0.28 0.61 0.43 0.87 0.22 0.39 0.37 0.63 0.46 0.87 0.37 0.66 0.46 1.04 0.40 0.74 0.60 1.10 0.50 1.22 0.57 1.28 0.50 1.10 0.57 1.28 0.57 1.28 0.10 0.11 0.11 0.12 0.12 0.16 0.16 0.24 0.13 0.16 0.17 0.27
6.3 VDC AT + 85 C, 4 VDC AT + 125 C 47 47 47 47 47 47 47 68 68 68 68 68 68 100 100 100 100 150 150 150 150 220 220 220 220 330 330 330 330 470 470 1.5 1.5 2.2 3.3 4.7 4.7 4.7 4.7 6.8 6.8 6.8 6.8 B B B C C D D B B C C D D C C D D C C D D D D E E D D E E E E A A A A A A B B A A B B TP3B476(1)6R3(2)1900AS TP3B476(1)6R3(2)0550AS TP3B476(1)6R3(2)0500AS 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 8 8 8 8 8 8 8 8 8 10 10 6 6 6 6 6 6 6 6 6 6 6 6
TP3C476(1)6R3(2)1400AS 2.8 TP3C476(1)6R3(2)0300AS 2.8 TP3D476(1)6R3(2)0800AS 2.8 TP3D476(1)6R3(2)0200AS 2.8 TP3B686(1)6R3(2)1800AS 4.1 TP3B686(1)6R3(2)0550AS 4.1 TP3C686(1)6R3(2)0800AS 4.1 TP3C686(1)6R3(2)0275AS 4.1 TP3D686(1)6R3(2)0700AS 4.1 TP3D686(1)6R3(2)0200AS 4.1 TP3C107(1)6R3(2)0800AS 6.0 TP3C107(1)6R3(2)0250AS 6.0 TP3D107(1)6R3(2)0700AS 6.0 TP3D107(1)6R3(2)0140AS 6.0 TP3C157(1)6R3(2)0700AS 9.0 TP3C157(1)6R3(2)0200AS 9.0 TP3D157(1)6R3(2)0600AS 9.0 TP3D157(1)6R3(2)0150AS 9.0 TP3D227(1)6R3(2)0600AS 13.2 TP3D227(1)6R3(2)0100AS 13.2 TP3E227(1)6R3(2)0500AS 13.2 TP3E227(1)6R3(2)0100AS 13.2 TP3D337(1)6R3(2)0600AS 19.8 TP3D337(1)6R3(2)0125AS 19.8 TP3E337(1)6R3(2)0500AS 19.8 TP3E337(1)6R3(2)0100AS 19.8 TP3E477(1)6R3(2)0500AS 28.2 TP3E477(1)6R3(2)0100AS 28.2 10 VDC AT + 85 C, 7 VDC AT + 125 C TP3A155(1)010(2)8000AS 0.5 TP3A155(1)010(2)6000AS 0.5 TP3A225(1)010(2)6300AS 0.5 TP3A335(1)010(2)5500AS 0.5 TP3A475(1)010(2)5000AS 0.5 TP3A475(1)010(2)3000AS 0.5 TP3B475(1)010(2)3400AS 0.5 TP3B475(1)010(2)1500AS 0.5 TP3A685(1)010(2)4200AS 0.7 TP3A685(1)010(2)3000AS 0.7 TP3B685(1)010(2)2900AS 0.7 TP3B685(1)010(2)1200AS 0.7
Notes * (1) Tolerance: K, M * (2) Terminations and Packaging: C, D, E, F www.vishay.com 56 For technical questions, contact: tantalum@vishay.com Document Number: 40116 Revision: 04-Jun-08
TP3
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 3.400 2.000 2.500 1.800 0.550 2.900 2.000 2.000 0.700 1.800 0.500 2.500 1.500 1.900 0.700 1.500 0.345 1.900 1.500 0.600 1.400 0.300 0.800 0.250 1.800 0.600 1.100 0.300 0.700 0.200 1.000 0.275 0.700 0.150 0.900 0.200 0.600 0.100 0.600 0.100 0.500 0.100 0.600 0.125 0.500 0.100 0.500 MAX. RIPPLE 100 kHz Irms (A) 0.15 0.19 0.18 0.25 0.45 0.16 0.19 0.21 0.35 0.25 0.47 0.17 0.22 0.21 0.35 0.27 0.56 0.21 0.24 0.38 0.28 0.61 0.43 0.77 0.22 0.38 0.32 0.61 0.46 0.87 0.33 0.63 0.46 1.00 0.35 0.74 0.50 1.22 0.50 1.22 0.57 1.28 0.50 1.10 0.57 1.28 0.57
Vishay Sprague
10 10 10 10 10 15 15 15 15 15 15 22 22 22 22 22 22 33 33 33 33 33 33 33 47 47 47 47 47 47 68 68 68 68 100 100 100 100 150 150 150 150 220 220 220 220 330
A A B C C A A B B C C A A B B C C B B B C C D D B B C C D D C C D D C C D D D D E E D D E E E
10 VDC AT + 85 C, 7 VDC AT + 125 C TP3A106(1)010(2)3400AS 1.0 TP3A106(1)010(2)2000AS 1.0 TP3B106(1)010(2)2500AS 1.0 TP3C106(1)010(2)1800AS 1.0 TP3C106(1)010(2)0550AS 1.0 TP3A156(1)010(2)2900AS 1.5 TP3A156(1)010(2)2000AS 1.5 TP3B156(1)010(2)2000AS 1.5 TP3B156(1)010(2)0700AS 1.5 TP3C156(1)010(2)1800AS 1.5 TP3C156(1)010(2)0500AS 1.5 TP3A226(1)010(2)2500AS 2.2 TP3A226(1)010(2)1500AS 2.2 TP3B226(1)010(2)1900AS 2.2 TP3B226(1)010(2)0700AS 2.2 TP3C226(1)010(2)1500AS 2.2 TP3C226(1)010(2)0345AS 2.2 TP3B336(1)010(2)1900AS 3.3 TP3B336(1)010(2)1500AS 3.3 TP3B336(1)010(2)0600AS 3.3 TP3C336(1)010(2)1400AS 3.3 TP3C336(1)010(2)0300AS 3.3 TP3D336(1)010(2)0800AS 3.3 TP3D336(1)010(2)0250AS 3.3 TP3B476(1)010(2)1800AS 4.7 TP3B476(1)010(2)0600AS 4.7 TP3C476(1)010(2)1100AS 4.7 TP3C476(1)010(2)0300AS 4.7 TP3D476(1)010(2)0700AS 4.7 TP3D476(1)010(2)0200AS 4.7 TP3C686(1)010(2)1000AS 6.8 TP3C686(1)010(2)0275AS 6.8 TP3D686(1)010(2)0700AS 6.8 TP3D686(1)010(2)0150AS 6.8 TP3C107(1)010(2)0900AS 10.0 TP3C107(1)010(2)0200AS 10.0 TP3D107(1)010(2)0600AS 10.0 TP3D107(1)010(2)0100AS 10.0 TP3D157(1)010(2)0600AS 15.0 TP3D157(1)010(2)0100AS 15.0 TP3E157(1)010(2)0500AS 15.0 TP3E157(1)010(2)0100AS 15.0 TP3D227(1)010(2)0600AS 22.0 TP3D227(1)010(2)0125AS 22.0 TP3E227(1)010(2)0500AS 22.0 TP3E227(1)010(2)0100AS 22.0 TP3E337(1)010(2)0500AS 33.0
6 6 6 6 6 6 6 6 6 6 6 8 8 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 8 8 8 8 8 8 8 8 8 10
Notes * (1) Capacitance Tolerance Codes: K, M * (2) Terminations and Packaging Codes: C, D, E, F Document Number: 40116 Revision: 04-Jun-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 57
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 1.1 1.1 1.1 1.1 1.1 1.6 1.6 1.6 1.6 1.6 1.6 2.4 2.4 2.4 2.4 3.5 3.5 3.5 3.5 3.5 3.5 5.3 5.3 5.3 5.3 MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 9.300 6.000 6.700 6.000 5.900 4.600 2.500 5.000 3.500 3.500 2.000 5.000 2.500 2.900 1.500 4.200 3.000 2.500 1.900 0.600 3.000 1.700 2.000 0.800 1.800 0.450 2.000 0.800 1.500 0.400 1.900 0.700 1.400 0.350 0.800 0.250 1.100 0.300 0.700 0.225 MAX. RIPPLE 100 kHz Irms (A) 0.09 0.11 0.11 0.11 0.11 0.14 0.18 0.12 0.15 0.16 0.21 0.12 0.17 0.17 0.24 0.13 0.16 0.18 0.24 0.43 0.16 0.21 0.21 0.33 0.25 0.49 0.21 0.33 0.27 0.52 0.21 0.35 0.28 0.56 0.43 0.77 0.32 0.61 0.46 0.82
16 VDC AT + 85 C, 10 VDC AT + 125 C 1.0 1.0 1.5 1.5 2.2 2.2 2.2 3.3 3.3 3.3 3.3 4.7 4.7 4.7 4.7 6.8 6.8 6.8 6.8 6.8 10 10 10 10 10 10 15 15 15 15 22 22 22 22 22 22 33 33 33 33 A A A A A B B A A B B A A B B A A B C C A A B B C C B B C C B B C C D D C C D D TP3A105(1)016(2)9300AS TP3A105(1)016(2)6000AS TP3A55(1)016A(2)6700AS TP3A55(1)016A(2)6000AS TP3A225(1)016(2)5900AS TP3B225(1)016(2)4600AS TP3B225(1)016(2)2500AS TP3A335(1)016(2)5000AS TP3A335(1)016(2)3500AS TP3B335(1)016(2)3500AS TP3B335(1)016(2)2000AS TP3A475(1)016(2)5000AS TP3A475(1)016(2)2500AS TP3B475(1)016(2)2900AS TP3B475(1)016(2)1500AS TP3A685(1)016(2)4200AS TP3A685(1)016(2)3000AS TP3B685(1)016(2)2500AS TP3C685(1)016(2)1900AS TP3C685(1)016(2)0600AS TP3A106(1)016(2)3000AS TP3A106(1)016(2)1700AS TP3B106(1)016(2)2000AS TP3B106(1)016(2)0800AS TP3C106(1)016(2)1800AS TP3C106(1)016(2)0450AS TP3B156(1)016(2)2000AS TP3B156(1)016(2)0800AS TP3C156(1)016(2)1500AS TP3C156(1)016(2)0400AS TP3B226(1)016(2)1900AS TP3B226(1)016(2)0700AS TP3C226(1)016(2)1400AS TP3C226(1)016(2)0350AS TP3D226(1)016(2)0800AS TP3D226(1)016(2)0250AS TP3C336(1)016(2)1100AS TP3C336(1)016(2)0300AS TP3D336(1)016(2)0700AS TP3D336(1)016(2)0225AS 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6
Notes * (1) Tolerance: K, M * (2) Terminations and Packaging: C, D, E, F www.vishay.com 58 For technical questions, contact: tantalum@vishay.com Document Number: 40116 Revision: 04-Jun-08
TP3
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) 7.5 7.5 7.5 7.5 7.5 10.9 10.9 16.0 16.0 16.0 16.0 24.0 24.0 35.2 35.2 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.7 0.7 0.7 0.9 0.9 0.9 0.9 0.9 0.9 1.4 1.4 1.4 1.4 2.0 2.0 2.0 2.0 MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 1.000 0.300 0.700 0.150 0.120 0.600 0.150 0.600 0.125 0.600 0.100 0.500 0.100 0.500 0.100 10.000 8.000 8.400 5.500 6.300 5.900 4.000 3.500 1.500 5.900 4.000 3.000 1.300 5.000 3.500 2.900 1.000 2.300 0.600 2.500 1.000 1.900 0.550 2.500 1.000 1.700 0.450 MAX. RIPPLE 100 kHz Irms (A) 0.33 0.61 0.46 1.00 1.12 0.50 1.00 0.50 1.10 0.52 1.28 0.57 1.28 0.57 1.28 0.09 0.10 0.09 0.12 0.11 0.11 0.14 0.16 0.24 0.11 0.14 0.17 0.26 0.12 0.15 0.17 0.29 0.22 0.43 0.18 0.29 0.24 0.45 0.18 0.29 0.25 0.49
Vishay Sprague
16 VDC AT + 85 C, 10 VDC AT + 125 C 47 47 47 47 47 68 68 100 100 100 100 150 150 220 220 0.68 0.68 1.0 1.0 1.5 2.2 2.2 2.2 2.2 3.3 3.3 3.3 3.3 4.7 4.7 4.7 4.7 4.7 4.7 6.8 6.8 6.8 6.8 10 10 10 10 C C D D D D D D D E E E E E E A A A A A A A B B A A B B A A B B C C B B C C B B C C TP3C476(1)016(2)1000AS TP3C476(1)016(2)0300AS TP3D476(1)016(2)0700AS TP3D476(1)016(2)0150AS TP3D476(1)016(2)0120AS TP3D686(1)016(2)0600AS TP3D686(1)016(2)0150AS TP3D107(1)016(2)0600AS TP3D107(1)016(2)0125AS TP3E107(1)016(2)0600AS TP3E107(1)016(2)0100AS TP3E157(1)016(2)0500AS TP3E157(1)016(2)0100AS TP3E227(1)016(2)0500AS TP3E227(1)016(2)0100AS TP3A684(1)020(2)10R0AS TP3A684(1)020(2)8000AS TP3A105(1)020(2)8400AS TP3A105(1)020(2)5500AS TP3A155(1)020(2)6300AS TP3A225(1)020(2)5900AS TP3A225(1)020(2)4000AS TP3B225(1)020(2)3500AS TP3B225(1)020(2)1500AS TP3A335(1)020(2)5900AS TP3A335(1)020(2)4000AS TP3B335(1)020(2)3000AS TP3B335(1)020(2)1300AS TP3A475(1)020(2)5000AS TP3A475(1)020(2)3500AS TP3B475(1)020(2)2900AS TP3B475(1)020(2)1000AS TP3C475(1)020(2)2300AS TP3C475(1)020(2)0600AS TP3B685(1)020(2)2500AS TP3B685(1)020(2)1000AS TP3C685(1)020(2)1900AS TP3C685(1)020(2)0550AS TP3B106(1)020(2)2500AS TP3B106(1)020(2)1000AS TP3C106(1)020(2)1700AS TP3C106(1)020(2)0450AS 6 6 6 6 6 6 6 8 8 8 8 8 8 14 14 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6
20 VDC AT + 85 C, 13 VDC AT + 125 C
Notes * (1) Tolerance: K, M * (2) Terminations and Packaging: C, D, E, F Document Number: 40116 Revision: 04-Jun-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 59
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 2.300 1.000 1.500 0.400 0.900 0.300 1.100 0.375 0.700 0.225 1.000 0.350 0.700 0.200 0.700 0.200 0.150 0.600 0.150 0.700 0.175 0.600 0.150 0.500 0.150 12.000 9.000 8.400 7.000 5.000 7.600 4.000 5.000 2.000 6.700 4.000 4.600 2.000 6.300 4.000 3.800 1.500 3.100 1.500 2.300 1.000 MAX. RIPPLE 100 kHz Irms (A) 0.19 0.29 0.27 0.52 0.41 0.71 0.32 0.54 0.46 0.82 0.33 0.56 0.46 0.87 0.46 0.87 1.00 0.52 1.05 0.46 0.93 0.52 1.05 0.57 1.05 0.08 0.09 0.09 0.11 0.13 0.10 0.14 0.13 0.21 0.11 0.14 0.14 0.21 0.11 0.14 0.15 0.24 0.17 0.24 0.22 0.33
15 15 15 15 15 15 22 22 22 22 33 33 33 33 47 47 47 47 47 68 68 68 68 100 100 0.47 0.47 0.68 0.68 0.68 1.0 1.0 1.0 1.0 1.5 1.5 1.5 1.5 2.2 2.2 2.2 2.2 3.3 3.3 3.3 3.3
B B C C D D C C D D C C D D D D D E E D D E E E E A A A B B A A B B A A B B A A B B B B C C
20 VDC AT + 85 C, 13 VDC AT + 125 C TP3B156(1)020(2)2300AS 3.0 TP3B156(1)020(2)1000AS 3.0 TP3C156(1)020(2)1500AS 3.0 TP3C156(1)020(2)0400AS 3.0 TP3D156(1)020(2)0900AS 3.0 TP3D156(1)020(2)0300AS 3.0 TP3C226(1)020(2)1100AS 4.4 TP3C226(1)020(2)0375AS 4.4 TP3D226(1)020(2)0700AS 4.4 TP3D226(1)020(2)0225AS 4.4 TP3C336(1)020(2)1000AS 6.6 TP3C336(1)020(2)0350AS 6.6 TP3D336(1)020(2)0700AS 6.6 TP3D336(1)020(2)0200AS 6.6 TP3D476(1)020(2)0700AS 9.4 TP3D476(1)020(2)0200AS 9.4 TP3D476(1)020(2)0150AS 9.4 TP3E476(1)020(2)0600AS 9.4 TP3E476(1)020(2)0150AS 9.4 TP3D686(1)020(2)0700AS 13.6 TP3D686(1)020(2)0175AS 13.6 TP3E686(1)020(2)0600AS 13.6 TP3E686(1)020(2)0150AS 13.6 TP3E107(1)020(2)0500AS 20.0 TP3E107(1)020(2)0150AS 20.0 25 VDC AT + 85 C, 17 VDC AT + 125 C TP3A474(1)025(2)12R0AS 0.5 TP3A474(1)025(2)9000AS 0.5 TP3A684(1)025(2)8400AS 0.5 TP3B684(1)025(2)7000AS 0.5 TP3B684(1)025(2)5000AS 0.5 TP3A105(1)025(2)7600AS 0.5 TP3A105(1)025(2)4000AS 0.5 TP3B105(1)025(2)5000AS 0.5 TP3B105(1)025(2)2000AS 0.5 TP3A155(1)025(2)6700AS 0.5 TP3A155(1)025(2)4000AS 0.5 TP3B155(1)025(2)4600AS 0.5 TP3B155(1)025(2)2000AS 0.5 TP3A225(1)025(2)6300AS 0.6 TP3A225(1)025(2)4000AS 0.6 TP3A225(1)025(2)4000AS 0.6 TP3A225(1)025(2)1500AS 0.6 TP3B335(1)025(2)3100AS 0.8 TP3B335(1)025(2)1500AS 0.8 TP3C335(1)025(2)2300AS 0.8 TP3C335(1)025(2)1000AS 0.8
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6
Notes * (1) Tolerance: K, M * (2) Terminations and Packaging: C, D, E, F www.vishay.com 60 For technical questions, contact: tantalum@vishay.com Document Number: 40116 Revision: 04-Jun-08
TP3
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 2.800 1.500 2.000 0.525 2.400 1.700 0.500 1.500 0.450 1.000 0.300 1.200 0.425 0.800 0.250 1.200 0.400 0.700 0.200 0.700 0.200 0.600 0.200 0.600 0.200 20.000 10.000 18.000 6.000 15.000 6.000 13.000 6.000 10.000 4.000 8.000 2.500 7.600 4.000 6.500 2.500 7.500 4.000 5.000 2.000 MAX. RIPPLE 100 kHz Irms (A) 0.17 0.24 0.24 0.46 0.19 0.25 0.47 0.27 0.49 0.39 0.71 0.30 0.51 0.43 0.77 0.30 0.52 0.46 0.87 0.46 0.87 0.52 0.91 0.52 0.91 0.06 0.09 0.07 0.11 0.07 0.11 0.08 0.11 0.09 0.14 0.10 0.18 0.10 0.14 0.11 0.18 0.10 0.14 0.13 0.21
Vishay Sprague
4.7 4.7 4.7 4.7 6.8 6.8 6.8 10 10 10 10 15 15 15 15 22 22 22 22 33 33 33 33 47 47 0.10 0.10 0.15 0.15 0.22 0.22 0.33 0.33 0.47 0.47 0.47 0.47 0.68 0.68 0.68 0.68 1.0 1.0 1.0 1.0
B B C C B C C C C D D C C D D C C D D D D E E E E A A A A A A A A A A B B A A B B A A B B
25 VDC AT + 85 C, 17 VDC AT + 125 C TP3B475(1)025(2)2800AS 1.2 TP3B475(1)025(2)1500AS 1.2 TP3C475(1)025(2)2000AS 1.2 TP3C475(1)025(2)0525AS 1.2 TP3B685(1)025(2)2400AS 1.7 TP3C685(1)025(2)1700AS 1.7 TP3C685(1)025(2)0500AS 1.7 TP3C106(1)025(2)1500AS 2.5 TP3C106(1)025(2)0450AS 2.5 TP3D106(1)025(2)1000AS 2.5 TP3D106(1)025(2)0300AS 2.5 TP3C156(1)025(2)1200AS 3.8 TP3C156(1)025(2)0425AS 3.8 TP3D156(1)025(2)0800AS 3.8 TP3D156(1)025(2)0250AS 3.8 TP3C226(1)025(2)1200AS 5.5 TP3C226(1)025(2)0400AS 5.5 TP3D226(1)025(2)0700AS 5.5 TP3D226(1)025(2)0200AS 5.5 TP3D336(1)025(2)0700AS 8.3 TP3D336(1)025(2)0200AS 8.3 TP3E336(1)025(2)0600AS 8.3 TP3E336(1)025(2)0200AS 8.3 TP3E476(1)025(2)0600AS 11.8 TP3E476(1)025(2)0200AS 11.8 35 VDC AT + 85 C, 23 VDC AT + 125 C TP3A104(1)035(2)20R0AS 0.5 TP3A104(1)035(2)10R0AS 0.5 TP3A154(1)035(2)18R0AS 0.5 TP3A154(1)035(2)6000AS 0.5 TP3A224(1)035(2)15R0AS 0.5 TP3A224(1)035(2)6000AS 0.5 TP3A334(1)035(2)13R0AS 0.5 TP3A334(1)035(2)6000AS 0.5 TP3A474(1)035(2)10R0AS 0.5 TP3A474(1)035(2)4000AS 0.5 TP3B474(1)035(2)8000AS 0.5 TP3B474(1)035(2)2500AS 0.5 TP3A684(1)035(2)7600AS 0.5 TP3A684(1)035(2)4000AS 0.5 TP3B684(1)035(2)6500AS 0.5 TP3B684(1)035(2)2500AS 0.5 TP3A105(1)035(2)7500AS 0.5 TP3A105(1)035(2)4000AS 0.5 TP3B105(1)035(2)5000AS 0.5 TP3B105(1)035(2)2000AS 0.5
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
Notes * (1) Tolerance: K, M * (2) Terminations and Packaging: C, D, E, F Document Number: 40116 Revision: 04-Jun-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 61
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 4.200 2.000 3.800 0.900 3.800 2.000 2.900 0.900 3.500 2.100 0.700 3.100 1.500 1.900 0.500 1.300 0.450 1.800 0.475 1.100 0.300 1.600 0.450 0.800 0.300 0.135 0.700 0.300 0.600 0.300 0.600 0.275 19.000 10.000 17.000 10.000 14.000 9.000 15.000 12.000 8.500 14.000 10.000 4.500 8.400 4.000 7.600 MAX. RIPPLE 100 kHz Irms (A) 0.14 0.21 0.17 0.35 0.15 0.21 0.20 0.35 0.16 0.23 0.40 0.17 0.24 0.24 0.47 0.34 0.58 0.25 0.48 0.37 0.71 0.26 0.49 0.43 0.71 1.05 0.46 0.71 0.50 0.71 0.52 0.77 0.06 0.09 0.07 0.09 0.08 0.10 0.07 0.08 0.10 0.07 0.09 0.14 0.10 0.15 0.11
1.5 1.5 1.5 1.5 2.2 2.2 2.2 2.2 3.3 3.3 3.3 4.7 4.7 4.7 4.7 4.7 4.7 6.8 6.8 6.8 6.8 10 10 10 10 10 15 15 22 22 22 22 0.10 0.10 0.15 0.15 0.15 0.15 0.22 0.22 0.22 0.33 0.33 0.33 0.47 0.47 0.68
B B C C B B C C B C C B B C C D D C C D D C C D D D D D D D E E A A A A B B A B B A B B B B B
35 VDC AT + 85 C, 23 VDC AT + 125 C TP3B155(1)035(2)4200AS 0.5 TP3B155(1)035(2)2000AS 0.5 TP3C155(1)035(2)3800AS 0.5 TP3C155(1)035(2)0900AS 0.5 TP3B225(1)035(2)3800AS 0.8 TP3B225(1)035(2)2000AS 0.8 TP3C225(1)035(2)2900AS 0.8 TP3C225(1)035(2)0900AS 0.8 TP3B335(1)035(2)3500AS 1.2 TP3C335(1)035(2)2100AS 1.2 TP3C335(1)035(2)0700AS 1.2 TP3B475(1)035(2)3100AS 1.7 TP3B475(1)035(2)1500AS 1.7 TP3C475(1)035(2)1900AS 1.6 TP3C475(1)035(2)0500AS 1.6 TP3D475(1)035(2)1300AS 1.6 TP3D475(1)035(2)0450AS 1.6 TP3C685(1)035(2)1800AS 2.4 TP3C685(1)035(2)0475AS 2.4 TP3D685(1)035(2)1100AS 2.4 TP3D685(1)035(2)0300AS 2.4 TP3C106(1)035(2)1600AS 3.5 TP3C106(1)035(2)0450AS 3.5 TP3D106(1)035(2)0800AS 3.5 TP3D106(1)035(2)0300AS 3.5 TP3D106(1)035(2)0135AS 3.5 TP3D156(1)035(2)0700AS 5.3 TP3D156(1)035(2)0300AS 5.3 TP3D226(1)035(2)0600AS 7.7 TP3D226(1)035(2)0300AS 7.7 TP3E226(1)035(2)0600AS 7.7 TP3E226(1)035(2)0275AS 7.7 50 VDC AT + 85 C, 33 VDC AT + 125 C TP3A104(1)050(2)19R0AS 0.5 TP3A104(1)050(2)10R0AS 0.5 TP3A154(1)050(2)17R0AS 0.5 TP3A154(1)050(2)10R0AS 0.5 TP3B154(1)050(2)14R0AS 0.5 TP3B154(1)050(2)9000AS 0.5 TP3A224(1)050(2)15R0AS 0.5 TP3B224(1)050(2)12R0AS 0.5 TP3B224(1)050(2)8500AS 0.5 TP3A334(1)050(2)14R0AS 0.5 TP3B334(1)050(2)10R0AS 0.5 TP3B334(1)050(2)4500AS 0.5 TP3B474(1)050(2)8400AS 0.5 TP3B474(1)050(2)4000AS 0.5 TP3B684(1)050(2)7600AS 0.5
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
Notes * (1) Tolerance: K, M * (2) Terminations and Packaging: C, D, E, F www.vishay.com 62 For technical questions, contact: tantalum@vishay.com Document Number: 40116 Revision: 04-Jun-08
TP3
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) Molded Case, High Performance
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) 0.5 0.5 0.5 0.5 0.8 0.8 1.1 1.1 1.1 1.1 1.7 1.7 1.7 1.7 2.4 2.4 3.4 3.4 5.0 5.0 5.0 5.0 MAX. DF AT + 25 C (%) MAX. ESR AT + 25 C 100 kHz () 6.700 2.000 4.600 1.600 3.400 1.500 2.900 1.500 2.100 0.800 2.500 1.500 1.700 0.800 1.200 0.600 0.900 0.600 0.800 0.550 0.800 0.550 MAX. RIPPLE 100 kHz Irms (A) 0.11 0.21 0.16 0.26 0.18 0.27 0.20 0.27 0.27 0.43 0.21 0.27 0.30 0.43 0.37 0.50 0.41 0.50 0.43 0.52 0.45 0.55
Vishay Sprague
50 VDC AT + 85 C, 33 VDC AT + 125 C 1.0 1.0 1.0 1.0 1.5 1.5 2.2 2.2 2.2 2.2 3.3 3.3 3.3 3.3 4.7 4.7 6.8 6.8 10 10 10 10 B B C C C C C C D D C C D D D D D D D D E E TP3B105(1)050(2)6700AS TP3B105(1)050(2)2000AS TP3C105(1)050(2)4600AS TP3C105(1)050(2)1600AS TP3C155(1)050(2)3400AS TP3C155(1)050(2)1500AS TP3C225(1)050(2)2900AS TP3C225(1)050(2)1500AS TP3D225(1)050(2)2100AS TP3D225(1)050(2)0800AS TP3C335(1)050(2)2500AS TP3C335(1)050(2)1500AS TP3D335(1)050(2)1700AS TP3D335(1)050(2)0800AS TP3D475(1)050(2)1200AS TP3D475(1)050(2)0600AS TP3D685(1)050(2)0900AS TP3D685(1)050(2)0600AS TP3D106(1)050(2)0800AS TP3D106(1)050(2)0550AS TP3E106(1)050(2)0800AS TP3E106(1)050(2)0550AS 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6
Notes * (1) Tolerance: K, M * (2) Terminations and Packaging: C, D, E, F
TYPICAL CURVES AT + 25 C, IMPEDANCE AND ESR VS. FREQUENCY
"D" CASE
1.00
1.00
"D" CASE
ESR/Z,
IMPEDANCE ESR
IMPEDANCE ESR
ESR/Z,
0.10
68 F, 20 VDC
0.10
220 F, 10 VDC
470 F, 4 VDC
0.01
330 F, 6.3 VDC
0.01 0.1 1.0 10.0 100.0 1000.0
0.1
1.0
10.0
100.0
1000.0
FREQUENCY kHz
FREQUENCY kHz
Document Number: 40116 Revision: 04-Jun-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 63
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TP3C475

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X